Part Number Hot Search : 
68CAZ 12C2052 2226M SUM110 SB260 E3207 ZL30110 NTE71
Product Description
Full Text Search
 

To Download IR1153S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com ? 2011 international rectifier feb 21, 2011 IR1153S fixed 22.2khz frequency, pfc one cycle control ic with brown-out protection features description package ir1153 application diagram ? pfc ic with ir proprietary ?one cycle control? ? continuous conduction mode boost type pfc ? fixed 22.2khz switching frequency ? average current mode control ? input line sensed brownout protection ? output overvoltage protection ? open loop protection ? cycle by cycle peak current limit ? vcc under voltage lockout ? programmable soft start ? micropower startup ? user initiated micropower ?sleep mode? ? 750ma peak gate drive ? latch immunity and esd protection the pfc ir1153 power factor correction ic, based on ir proprietary "one cycle control" (occ) technique, provides for high pf, low thd and excellent dc bus regulation while enabling drastic reduction in component count, pcb area and design time as compared to traditional solutions. the ic is designed to operate in continuous conduction mode boost pfc converters with average current mode control at a fixed 22.2khz switching frequency. the ir1153 features include input-line sensed brown-out protection, dedicated pin for over voltage protection, cycle by cycle peak current limit, open loop protection, vcc uvlo, soft- start and micropower startup current of less than 75a. in addition, for standby power requirements, the ic can be driven into a micropower sleep mode by pulling the ovp/ en pin low where the current consumption is less than 75ua. ir1153 is available in so-8 package. com 1 bop 4 vfb 6 vcc 7 gate 8 isns 3 comp 2 ovp/en 5 acin1 acin2 ir1144 vout rtn vcc -+ ir1153
IR1153S www.irf.com 2 ? 2011 international rectifier qualification information industrial qualification level comments: this family of ics has pass ed jedec?s industrial qualification. ir?s consumer qualification level is granted by extension of the higher industrial level. moisture sensitivity level msl2 260c (per ipc/jedec j-std-020) machine model class a (per jedec standard jesd22-a115) esd human body model class 1a (per eia/jedec stand ard eia/jesd22-a114) ic latch-up test class i, level a (per jesd78) rohs compliant yes absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only and functional operati on of the device at these conditions is not implied. all voltages are absolute voltages referenced to com. thermal resistance and power dissipation are measured under board mounted and still air conditions. parameters symbol min. max. units remarks v cc voltage v cc -0.3 20 v not internally clamped isns voltage v isns -10 0.3 v isns current i isns -2 2 ma v fb voltage v fb -0.3 6.5 v v ovp voltage v ovp -0.3 6.5 v v bop voltage v bop -0.3 9 v comp voltage v comp -0.3 6.5 v gate voltage v gate -0.3 18 v junction temperature operating range t j -40 150 c storage temperature t s -55 150 c thermal resistance r ja 128 c/w soic-8 package power dissipation p d 976 mw t amb =25c soic-8
IR1153S www.irf.com 3 ? 2011 international rectifier electrical characteristics the electrical characteristics involve the spread of va lues guaranteed within the specified supply voltage and junction temperature range t j from ? 25 c to 125c. typical values represent the median values, which are related to 25c. if not otherwise stated, a supply voltage of v cc =15v is assumed for test condition. supply section parameters symbol min. typ. max. units remarks supply voltage operating range v cc 14 17 v v cc turn on threshold v cc on 12.2 13.1 14 v v cc turn off threshold (under voltage lock out) v cc uvlo 9.4 10.1 10.8 v v cc turn on/off hysteresis v cc hyst 2.4 3 3.6 v 7 ma c load =1nf 8 ma c load =4.7nf operating current i cc 3.5 5 ma ovp mode, inactive gate start-up current i cc start 26 75 a v cc =v cc on - 0.2v sleep current i sleep 26 75 a pin ovp/en=v sleep -0.2v sleep mode threshold v sleep 0.5 0.8 v bias on ovp/en pin oscillator section parameters symbol min. typ. max. units remarks 20.2 22.2 24.2 t amb =25 c fixed oscillator frequency f sw 18.3 25 khz -25 c < t amb < 125 c maximum duty cycle d max 93 99 % v comp =5v minimum duty cycle d min 0 % pulse skipping protection section parameters symbol min. typ. max. units remarks open loop protection (olp)threshold v olp 17 19 21 % v ref bias on vfb pin output overvoltage protection (ovp) threshold v ovp 104 106 108 % v ref bias on ovp/en pin output overvoltage protection reset threshold v ovp(rst) 101 103 105 % v ref bias on ovp/en pin ovp input bias current i ovp(bias) -0.2 a brown-out protection (bop) threshold v bop 0.66 0.76 0.86 v bias on bop pin brown-out protection enable threshold v bop(en) 1.46 1.56 1.66 v bias on bop pin bop input bias current i bop(bias) -0.2 a peak current limit protection isns voltage threshold (ipk limit) v isns(pk) -0.58 -0.51 -0.44 v bias on isns pin
IR1153S www.irf.com 4 ? 2011 international rectifier internal voltage reference section parameters symbol min. typ. max. units remarks reference voltage v ref 4.9 5 5.1 v regulation voltage on vfb pin, t amb =25c line regulation r reg 10 20 mv 14v < v cc < 17v temp stability t stab 0.4 % -25c < t amb < 125c, note 1 total variation v tot 4.83 5.12 v line & temperature voltage error amplifier section parameters symbol min. typ. max. units remarks transconductance g m 35 49 59 s 30 44 58 t amb =25c source current (normal mode) i ovea(src) 17 80 a -25c < t amb < 125c -58 -44 -30 t amb =25c sink current (normal mode) i ovea(snk) -80 -17 a -25c < t amb < 125c soft start delay time (calculated) t ss 35 msec r gain =8k , c zero =0.33 f, c pole =2nf v comp voltage (fault) v comp flt 1 1.5 v @100ua steady state effective v comp voltage v comp eff 4.7 4.9 5.1 v vfb input bias current i fb(bias) -0.2 a output low voltage v ol 0.25 v output high voltage v oh 5 5.45 v v comp start voltage v comp start 210 325 435 mv
IR1153S www.irf.com 5 ? 2011 international rectifier current amplifier section parameters symbol min. typ. max. units remarks dc gain g dc 5.65 v/v corner frequency f c 2 khz average current mode, note 1 input offset voltage v io 4 16 mv note 1 isns input bias current i isns(bias) -57 -13 a blanking time t blank 170 320 470 ns gate driver section parameters symbol min. typ. max. units remarks gate low voltage v glo 0.8 v i gate = 200ma 13.1 14.1 15.1 v cc =17v, internally clamped gate high voltage v gth 9.5 v v cc =11.5v 25 ns c load = 1nf, vcc=15v rise time t r 60 ns c load = 4.7nf, vcc=15v 35 ns c load = 1nf, vcc=15v fall time t f 65 ns c load = 4.7nf, vcc=15v output peak current i opk 750 ma c load = 4.7nf, vcc=15v, note 1 gate voltage at fault v g fault 0.08 v i gate = 20ma note 1: guaranteed by design, but not tested in production
IR1153S www.irf.com 6 ? 2011 international rectifier block diagram
IR1153S www.irf.com 7 ? 2011 international rectifier lead assignments & definitions irs1144 irs1144 ir1144s irs1144 irs1144 ir1144s ir1153
IR1153S www.irf.com 8 ? 2011 international rectifier ir1153 general description the pfc ir1153 ic is intended for power factor correction in continuous conduction mode boost pfc converters operating at fixed switching frequency with average current mode control. the ic operates based on ir's proprietary "one cy cle control" (occ) pfc algorithm based on the concept of resettable integrator. theory of operation the occ algorithm based on the resettable integrator concept works using two loops - a slow outer voltage loop and a fast inner current loop. the outer voltage loop monitors the vfb pin and generates an error signal which controls the am plitude of the input current admitted into the pfc converter. in this way, the outer voltage loop maintains output voltage regulation. the voltage loop bandwidth is kept low enough to not track the 2xf ac ripple in the output voltage and thus generates an almost dc error signal under steady state conditions. the inner current loop maintains the sinusoidal profile of the input current and thus is responsible for power factor correction. the information about the sinusoidal variation in input voltage is inherently available in the input line current (or boost inductor current). thus there is no need to sense the input voltage to generate a current reference. the current loop employs the boost inductor current information to generate pwm signals with a proportional sinusoidal variation. this controls the shape of the input current to be proportional to and in phase with the input voltage. average current mode operation is envisaged by filtering the switching frequency ripple from the current sense signal using an appropriately sized on- chip rc filter. this filter also contributes to the bandwidth of the current control loop. thus the filter bandwidth has to be high enough to track the 120hz rectified, sinusoidal current waveform and also filter out the switching frequency ripple in the inductor current. in ir1153 this averaging function can effectively filter high ripple current ratios (as high as 40% at maximum input current) to accommodate designs with small boost inductances. the ic determines the boost converter instantaneous duty cycle based on the resettable integrator concept. the required signals are the voltage feedback loop error signal v m (which is the v comp pin voltage minus a dc offset of v comp,start ) and the current sense signal v isns . the resettable integrator generates a cycle-by- cycle, saw-tooth signal called the pwm ramp which has an amplitude v m and period 1/f sw hence a slope of v m* f sw . the current sense signal is amplified by the current amplifier by a factor g dc and fed into the summing node where it is subtracted from v m to generate the summer voltage (= v m ?g dc *v isns ). the summer voltage is compared with the pwm ramp by the pwm comparator of the ic to determine the gate drive duty cycle. the instantaneous duty is mathematically given by: d = (v m - g dc .v isns )/v m assuming steady state co ndition where the voltage feedback loop is well regulated (v m & v out are dc signals) & hence instantaneous duty cycle follows the boost-converter equation (d = 1 ? v in (t)/v out ), the control equation can be re-written as: v m = g dc .v isns /(v in (t)/v out ) further, recognizing that v isns = i l (t).r sns and re- arranging yields: g dc .i l (t).r sns = v m v in (t)/v out since v m , v out & g dc are constant terms: i l (t) v in (t) thus the inductor current follows the input voltage waveform & by definition power factor correction is achieved. feature set fixed frequency operation the ic is programmed to operate at a fixed frequency of 22.2khz (typ). internalization of the oscillator offers excellent noise immunity even in the noisy pfc environment while integration of the oscillator into the occ core of the ic eliminates need for digital calibration circuits. both these factors render the gate drive jitter free thus contributing to elimination of audible noise in pfc magnetics. ic supply circuit & low start-up current the ir1153 uvlo circuit maintains the ic in uvlo mode during start-up if vcc pin voltage is less than the vcc turn-on threshold, v cc,on and current consumption is less than 75ua. should vcc pin voltage should drop below v cc,uvlo during normal operation, the ic is pushed back into uvlo mode and vcc pin has to exceed v cc,on again for normal operation. there is no internal voltage clamping of the vcc pin. user initiated micropower sleep mode the ic can be actively pushed into a micropower sleep mode where current consumption is less than 75ua by pulling ovp/en pin below the sleep threshold, v sleep even while vcc is above v cc,on . this allows the user to disable pfc during application stand-by situations in order to meet stand-by regulations. since v sleep is less than 1v, even logic level signals can be employed.
IR1153S www.irf.com 9 ? 2011 international rectifier ir1153 general description programmable soft start the soft start process controls the rate of rise of the voltage feedback loop error si gnal thus providing a linear increase of the rms input current that the pfc converter will admit. the soft start time is essentially controlled by voltage error amplifier compensation components selected and is therefore user programmable to some degree based on desired voltage feedback loop crossover frequency. gate drive capability the gate drive output stage of the ic is a totem pole driver with 750ma peak current drive capability. the gate drive is internally clamped at 14.1v (typ). gate drive buffer circuits (especially cost-effective base-followers) can be easily driven with the gate pin of the ic to suit any system power level. system protection features ir1153 protection features include brown-out protection (bop), open-loop protection (olp), overvoltage protection (ovp), cycle-by-cycle peak current limit (ipk limit), soft-current limit and vcc under voltage lock-out (uvlo). - bop is based on direct input line sensing using a resistor divider/rc filter network. if bop pin falls below the brown-out protection threshold v bop , a brown-out situation is immediately detected the following response is executed - the gate drive pulse is disabled, vcomp is actively discharged and ic is pushed into stand-by mode. the ic re- enters normal operation only after bop pin exceeds v bop(en) . during start-up the ic is held in stand-by mode until this pin exceeds v bop(en) . - olp is activated whenever the vfb pin voltage falls below v olp threshold. once open loop is detected the following response is immediately executed - the gate drive is immediately disabled, vcomp is actively discharged and the ic is pushed into stand-by mode. there is no voltage hysteresis associated with this feature. during start-up the ic is held in stand-by mode until vfb exceeds v olp . - the ovp pin is a dedicated pin for overvoltage protection that safeguard s the system even if there is a break in the vfb feedback loop due to resistor divider failure etc. an overvoltage fault is triggered when ovp pin voltage exceeds the v ovp threshold of 106%vref. the response of the ic is to immediately terminate the gate drive output and hold it in that state. the gate drive is re- enabled only after ovp pin voltage drops below v ovp(rst) threshold of 103% vref. the exact voltage level at which overvoltage protection is triggered can be programmed by the user by carefully designing the ovp pin resistor divider. it is recommended not to set the ovp voltage trigger limit less than 106% of dc bus voltage, since this can endanger the situation where the ovp reset limit will be less than the dc bus voltage regulation point ? in this condition the voltage loop can become unstable. - soft-current limit is an output voltage fold-back type protection feature encountered when the pfc converter input current exceeds to a point where the v m voltage saturates. as mentioned earlier, the amplitude of input current is directly proportional to v m , the error voltage of the feedback loop. v m is clamped to a certain maximum voltage inside the ic (given by v comp,eff parameter in datasheet). if the input current causes the v m voltage to saturate at its maximum value, then any further increase in input current will cause the duty cycle to droop which immediately forces the v out voltage of the pfc converter to fold-back. since the highest current is at the peak of the ac sinusoid, the droop in duty cycle commences at the peak of the ac sinusoid when the soft-current limit is encountered. in most converters, the design of the current sense resistor is performed based on soft-current limit (i.e. v m saturation) and at the system condition which demands highest input current (minimum v ac & maximum p out ). - cycle-by-cycle peak cu rrent limit protection instantaneously turns-off the gate output whenever the isns pin voltage exceeds v isns(pk) threshold in magnitude. the gate drive is held in the low state as long as the overcurrent condition persists. the gate drive is re-enabled when the magnitude of isns pin voltage falls below the v isns(pk) threshold. this protection feature incorporates a leading edge blanking circuit to improve noise immunity.
IR1153S www.irf.com 10 ? 2011 international rectifier ir1153 pin description pin com: this is ground potential pin of the ic. all internal devices are re ferenced to this point. pin comp: external circuitry from this pin to ground compensates the system voltage loop and programs the soft start time. the comp pin is essentially the output of the voltage error amplifier. the voltage loop error signal v m used in the control algorithm is derived from v comp (v m =v comp ?v comp,start ). v comp is actively discharged using an internal resistance to below v comp,start threshold whenever the ic is pushed into stand- by mode (bop or olp condition) or uvlo/sleep mode. the gate drive output and logic functions of the ic are inactive if vcomp is less than v comp,start . also during start-up, the vcomp voltage has to be less than v comp,start in order to commence operation (i.e. a pre-bias on vcomp will not allow ic to commence operation). pin isns: isns pin is tied to the input of the current sense amplifier of the ic. the voltage at this pin, which provides the current sense information to the ic, has to be a negative voltage wrt the com pin. also since the ic is based on average current mode, the entire inductor current information is necessary. a current sense resistor, located below system ground along the return path to the bridge rectifier, is the preferred current sensing method. isns pin is also the inverting input to the cycle-by-c ycle peak current limit comparator. whenever v isns exceeds v isns(pk) threshold in magnitude, the gate drive is instantaneously disabled. any external filtering of the isns pin must be performed carefully in order to ensure that the integrity of the current sense signal is maintained for cycle-by-cycle peak current limit protection. pin bop (brown-out protection): this pin is used to sense the rectified ac input line voltage through a resistor divider/capacitor network which is in effect a voltage division and averaging network, representing a scaled down signal of the average rectified input voltage (average dc voltage + 2xf ac ripple). during start-up the bop pin voltage has to exceed v bop(en) in order to enable the ic to exit stand-by mode and enter normal operation. a brown-out situation is detected whenever the pin voltage falls below v bop and the ic is pushed into stand-by mode. subsequently the pin has to exceed v bop(en) for the ic to exit stand-by and resume normal operation. pin ovp/en: the ovp/en pin is connected to the non-inverting input of the ovp(ovp) overvoltage comparator shown in t he block diagram and thus is used to detect output overvoltage situations. the output voltage information is communicated to the ovp pin using a resistive divider. this pin also serves the second purpose of an enable pin. the ovp/en pin can be used to activate the ic into ?micropower sleep? mode by pulling the voltage on this pin below the v sleep threshold. pin vfb: the converter output voltage is sensed via a resistive divider and fed into this pin. vfb pin is the inverting input of the output voltage error amplifier. the non-inverting input of this amplifier is connected to an internal 5v reference. the impedance of the divider string must be low enough that it does not introduce substantial error due to the input bias current s of the amplifier, yet high enough to minimize power dissipation. typical value of external divider total impedance will be around 2m ? . vfb pin is also the inverting input to the open loop comparator. the ic is held in stand-by mode whenever vfb pin voltage is below v olp threshold. pin vcc: this is the supply voltage pin of the ic and sense node for the undervoltage lock out circuit. it is possible to turn off the ic by pulling this pin below the minimum turn off threshold voltage, v cc(uvlo) without damage to the ic. this pin is not internally clamped. pin gate: this is the gate drive output of the ic. it provides a drive current of 0.75a peak with matched rise and fall times. the gate drive output of the ic is clamped at 14.1v(typ).
IR1153S www.irf.com 11 ? 2011 international rectifier ir1153 modes of operation referenced to states & transition diagram uvlo/sleep mode: the ic is in the uvlo/sleep mode when vcc pin voltage is below v cc,on at start-up or when vcc pin voltage drops below v cc,uvlo during normal operation or when ovp/en pin voltage is below v sleep . the uvlo/sleep mode is accessible from any other state of operation. this mode can be actively invoked by pulling the ovp/en pin below v sleep even if vcc pin voltage is above v cc,on . in the uvlo/sleep state, the gate drive circuit is inactive, most of the internal circuitry is unbiased and the ic draws a quiescent current of i sleep which is less than 75ua. also, the internal logic of the ic ensures that whenever the sleep mode is actively invoked, the comp pin is actively discharged below v comp,start threshold prior to entering the sleep mode, in order to facilitate soft-start upon resumption of operation. stand-by mode: the ic is placed in stand-by mode whenever an open-loop and/or a brown-out situation is detected. a brown-out situation is sensed when bop pin voltage is less than v bop(en) prior to system start-up and when bop pin voltage drops below v bop after start-up. an open-loop situation is sensed anytime vfb pin voltage is less than v olp . all internal circuitry is biased in the stand-by mode, but the gate is inactive and the ic draws a few ma of current. this state is accessible from any other state of operation of the ic. comp pin is actively discharged to below v comp,start whenever this state is entered from normal operation in order to facilitate soft-start upon re sumption of operation. soft start mode: during system start-up, the soft- start mode is activated once the vcc voltage has exceeded v cc,on , the vfb pin voltage has exceeded v olp and bop pin voltage has exceeded v bop(en) and vcomp voltage is less than v comp,start i.e. a pre-bias on comp pin greater than v comp,start threshold will not allow ic to commence operation. the soft start time is the time required for the vcomp voltage to charge through its entire dynamic range i.e. through v comp,eff . as a result, the soft-start time is dependent upon the component values selected for compensation of the voltage loop on the comp pin. to an extent, keeping in mind the voltage feedback loop considerations, the soft- system start time is programmable. as vcomp voltage rises gradually, the ic allows a higher and higher rms current into the pfc converter. this controlled increase of the input current amplitude contributes to reducing system component stress during start-up. normal mode: the ic enters the normal operating mode once the soft start transition has been completed (for all practical purposes there is essentially no difference between the soft-start and normal modes). at this point the gate drive is switching and all protection functions of the ic are active. if, from the norma l mode, the ic is pushed into either a stand-by mode or uvlo/sleep mode then comp pin is actively discharged below v comp,start and system will go through soft-start upon resumption of operation. ovp mode: the ic enters ovp mode whenever an overvoltage condition is detected. a system overvoltage condition is recognized when ovp/en pin voltage exceeds v ovp threshold. when this happens the ic immediately disables the gate drive and holds it in that state. the gate drive is re-enabled only when ovp/en pin voltages are less than v ovp(rst) threshold. this state is accessible from both the soft start and normal modes of operation. ipk limit mode: the ic enters ipk limit mode whenever the magnitude of isns pin voltage exceeds the v isns(pk) threshold triggering cycle-by- cycle peak overcurrent protection. when this happens, the ic immediately disables the gate drive and holds it in that state. gate drive is re- enabled when magnitude of isns pin voltage drops below v isns(pk) threshold. this state is accessible from both the soft start and normal modes of operation.
IR1153S www.irf.com 12 ? 2011 international rectifier state & transitions diagram ac power on gate inactive internal circuits unbiased uvlo/sleep mode gate inactive internal circuits biased vcomp discharged stand ? by mode gate inactive internal circuits biased vcomp discharged soft start gate active oscillator active c z charging v comp rising v fb < v olp or v bop < v bop (vth) v fb < v olp or v bop < v bop (vth) ovp fault present pulseterminated gate inactive oscillator active ipk limit fault present pulseterminated gate inactive oscillator active v cc > v ccon and v ovp > v sleep v fb > v olp and v bop > v bop(en) and v comp < v comp,start c z fully charged v ovp > v ovp (vth) v ovp < v ovp(rst) v cc < v cc uvlo or v ovp < v sleep v cc < v cc uvlo or v ovp < v sleep |v isns | > |v isns(pk) | |v isns | < |v isns(pk) | v bop < v bop (vth) v cc < v cc uvlo or v ovp < v sleep v cc < v cc uvlo or v ovp |v isns(pk) | |v isns | < |v isns(pk) | normal gate active oscillator active
IR1153S www.irf.com 13 ? 2011 international rectifier ir1153 timing diagrams v cc(on) v cc(uvlo) normal uvlo uvlo vcc undervoltage lockout voltage on vcc pin v cc(on) v cc(uvlo) normal uvlo uvlo vcc undervoltage lockout voltage on vcc pin micropower sleep v sleep normal sleep sleep voltage on vovp pin micropower sleep v sleep normal sleep sleep voltage on vovp pin brown-out protection 1.5v stand-by normal 0.7v voltage on bop pin stand-by brown-out protection 1.5v stand-by normal 0.7v voltage on bop pin stand-by
IR1153S www.irf.com 14 ? 2011 international rectifier 0.01 0.1 1 10 7.0 v 9.0 v 11.0 v 13.0 v 15.0 v 17.0 v i supply (ma) supply voltage figure 1: supply current vs. supply voltage 9.0 v 9.5 v 10.0 v 10.5 v 11.0 v 11.5 v 12.0 v 12.5 v 13.0 v 13.5 v 14.0 v -50 c 0 c 50 c 100 c 150 c vcc uvlo thresholds temperature vcc uv+ vcc uv- figure 2: undervoltage lockout vs. temperature 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 -50 c 0 c 50 c 100 c 150 c i qcc quiescent current (ma) temperature i cc @ gate inactive figure 3: icc currrent vs. temperature 10.0 15.0 20.0 25.0 30.0 35.0 40.0 -50 c 0 c 50 c 100 c 150 c current (ua) temperature i ccstart and i sleep isleep iccstart figure 4: startup current and sleep current vs. temperature
IR1153S www.irf.com 15 ? 2011 international rectifier 21.0 21.5 22.0 22.5 23.0 23.5 -50 c 0 c 50 c 100 c 150 c switching frequency (khz) te m p e r a t u r e vcomp=5v vcomp=1v figure 5: switchi ng frequency vs. temperature 4.95 4.97 4.99 5.01 5.03 5.05 -50 c 0 c 50 c 100 c 150 c reference voltage (v) temperature figure 6: reference voltage vs. temperature 40.0 42.0 44.0 46.0 48.0 50.0 52.0 54.0 -50 c 0 c 50 c 100 c 150 c ea transconductance g m (us) temperature figure 7: voltage error amplifier transconductance vs. temperature 0.6 10.6 20.6 30.6 40.6 50.6 60.6 70.6 -50 c 0 c 50 c 100 c 150 c error amplifier source/sink current (ua) temperature source sink figure 8: voltage error amplifier source & sink current vs. temperature
IR1153S www.irf.com 16 ? 2011 international rectifier 5.50 5.55 5.60 5.65 5.70 5.75 5.80 -50 c 0 c 50 c 100 c 150 c current sense amplifier dc gain g dc (v/v) temperature figure 9: current amplifier dc gain vs. temperature -0.60 -0.55 -0.50 -0.45 -0.40 -50 c 0 c 50 c 100 c 150 c peak current limit threshold (v) temperature figure 10: peak current limit threshold v isns(pk) vs. temperature 1.00 1.02 1.04 1.06 1.08 1.10 -50 c 0 c 50 c 100 c 150 c ovp threshold (%vref) temperature vovp vovp(rst) figure 11: over vo ltage protection thresholds vs. temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 -50 c 0 c 50 c 100 c 150 c bop threshold (v) temperature vbop(en) vbop figure 12: brown-out protection thresholds vs. temperature
IR1153S www.irf.com 17 ? 2011 international rectifier package details: soic8n
IR1153S www.irf.com 18 ? 2011 international rectifier tape and reel details: soic8n e f a c d g a b h n ote : controlling dimension in mm loaded tape feed direction a h f e g d b c carrier tape dimension for 8soicn code min max min max a 7.90 8.10 0.311 0.318 b 3.90 4.10 0.153 0.161 c 11.70 12.30 0.46 0.484 d 5.45 5.55 0.214 0.218 e 6.30 6.50 0.248 0.255 f 5.10 5.30 0.200 0.208 g 1.50 n/a 0.059 n/a h 1.50 1.60 0.059 0.062 metric imperial reel dimensions for 8soicn code min max min max a 329.60 330.25 12.976 13.001 b 20.95 21.45 0.824 0.844 c 12.80 13.20 0.503 0.519 d 1.95 2.45 0.767 0.096 e 98.00 102.00 3.858 4.015 f n/a 18.40 n/a 0.724 g 14.50 17.10 0.570 0.673 h 12.40 14.40 0.488 0.566 metric imperial
IR1153S www.irf.com 19 ? 2011 international rectifier part marking information
IR1153S www.irf.com 20 ? 2011 international rectifier ordering information standard pack base part number package type form quantity complete part number tube/bulk 95 IR1153Spbf IR1153S soic8n tape and reel 2500 IR1153Strpbf the information provided in this document is believed to be accu rate and reliable. however, international rectifier assumes no responsibility for the consequences of the use of this information. international rectifier assumes no responsibility for any infringement of patents or of other rights of third parties which may result fr om the use of this information. no license is granted by imp lication or otherwise under any patent or patent rights of international rect ifier. the specifications m entioned in this document are subj ect to change without notice. this document supersedes and r eplaces all information previously supplied. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of IR1153S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X